PART |
Description |
Maker |
CS8361YDWFR16 CS8361YDWF16 CS8361YDPSR7 |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: D2PAK-7 (Short Lead); No of Pins: 7; Container: Tape and Reel; Qty per Container: 750 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSSO7
|
ON Semiconductor
|
LT1761MPS5-1.8-PBF LT1761MPS5-1.8-TR LT1761MPS5-1. |
100mA, Low Noise, LDO Micropower Regulators in TSOT-23 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -55° to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 1.2 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semic...
|
LTC1274ISWTR LTC1274CSW |
12-Bit, 10mW, 100ksps ADCs with 1μA Shutdown 12-Bit, 10mW, 100ksps ADCs with 1A Shutdown 12-Bit, 10mW, 100ksps ADCs with 1µA Shutdown; Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Linear Integrated Systems Linear Technology, Corp.
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ISL9000IRKNZ-T ISL9000IRJNZ-T ISL9000IRPPZ-T ISL90 |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
5962-8994802MXX 5962-8994802Q9X 5962-8994801MXX 59 |
Wide-Input-Range, Synchronizable, PWM SLIC Power Supply 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX 3µs, 12-Bit ADC 3µs, 12-Bit ADC 现场可编程门阵列(FPGA 500mA, Low-Dropout, Ripple-Rejecting LDO in µMAX 现场可编程门阵列(FPGA SC70 Inverting Charge Pumps with Shutdown 现场可编程门阵列(FPGA
|
Atmel, Corp. TE Connectivity, Ltd.
|
TC1223-XXVCT TC1224-XXVCT |
50mA and 100mA CMOS LDOs with Shutdown 0mA00mA的CMOS低压降稳压器,带有关
|
Microchip Technology Inc. Microchip Technology, Inc.
|
TC10735.0VCT713 TC1072_07 TC10721.8VCT713 TC10722. |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
|
MICROCHIP[Microchip Technology]
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
TC10733.3VCT713 TC10735.0VCT713 TC10723.6VCT713 TC |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass 0mA00mA的CMOS低压降稳压器具有关断功能,错误输出和VREF绕道
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LT1962EMS8TR LT1962EMS8-1.5TR |
300mA, Low Noise, Micropower LDO Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.43 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|